Part Number Hot Search : 
EC100 R083Q 74HC2 PE4001 PS9531L2 ML7XX32 MAX14721 12A32
Product Description
Full Text Search
 

To Download AS7C33128PFS18A-183TQI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2002 copyright ? alliance semiconductor. all rights reserved. as7c33128pfs16a as7c33128pfs18a 3.3v 128k 16/18 pipeline burs t synchronous sram ? 1/21/02; v.1.1 alliance semiconductor p. 1 of 12 features ? organization: 131,072words 16 or 18 bits  fast clock speeds to 200mhz in lvttl/lvcmos  fast clock to data access: 3.0/3.1/3.5/4.0/5.0 ns fast oe access time: 3.0/3.1/3.5/4.0/5.0 ns  fully synchronous regist er-to-register operation  ?flow-through? mode  single-cycle deselect pentium? 1 compatible architecture and timing  asynchronous output enable control  economical 100-pin tqfp package  byte write enables  multiple chip enables for easy expansion  3.3v core power supply  2.5v or 3.3v i/o operation with separate v ddq  30 mw typical standby power in power down mode 1. pentium ? is a registered trademark of intel corporation. ntd? is a trademark of alliance semiconductor corporation. all trade- marks mentioned in this document are the property of their respec- tive owners. selection guide ?200 ?183 ?166 ?133 ?100 units minimum cycle time 5 5.4 6 7.5 10 ns maximum pipelined clock frequency 200 183 166 133 100 mhz maximum pipelined clock access time 3 3.1 3.5 4 5 ns maximum operating current 570 540 475 425 325 ma maximum standby current 160 140 130 100 90 ma maximum cmos standby current (dc) 30 30 30 30 30 ma logic block diagram burst logic adv adsc adsp clk lbo clk clr cs 17 15 17 a[16:0] 17 address d q cs clk register 128k 16/18 memory array 16/18 16/18 dqb clk dq byte write registers dqa clk dq byte write registers enable clk dq register enable clk dq delay register ce output registers input registers power down data [17:0] 2 ce0 ce1 ce2 bw b bw a oe zz oe ft clk clk data [15:0] bwe gwe pin arrangement lbo a5 a4 a3 a2 a1 a0 nc nc v ss v dd nc nc a10 a11 a12 a13 a14 a15 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 a6 a7 ce0 ce1 nc nc bwb bwa ce2 v dd v ss clk gwe bwe oe adsc adsp adv a8 a9 nc nc nc nc v ddq v ssq nc nc dqb dqb v ssq v ddq dqb dqb ft v dd nc v ss dqb dqb v ddq v ssq dqb dqb dqpb/nc nc v ssq v ddq nc nc nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 a16 nc nc v ddq v ssq nc dqpa/nc dqa dqa v ssq v ddq dqa dqa vss zz dqa dqa v ddq v ssq dqa dqa nc nc v ssq v ddq nc nc nc nc v dd tqfp 14 20mm note: pins 24, 74 are nc for 16.
as7c33128pfs16a as7c33128pfs18a ? 1/21/02; v.1.1 alliance semiconductor p. 2 of 12 functional description the as7c33128pfs16a and as7c33128pfs18a are hi gh performance cmos 4 mbit synchronous static random access memory (sram) devices organized as 131,072words 16 or 18 bits and incorporate a pipeline for highest frequency on any given technology. timing for this device is co mpatible with existing pentium ? synchronous cache specifications. this architecture is suited for asic, dsp (tms320c6x), and powerpc ? * -based systems in computing, datacomm, instru mentation, and telecommunications systems. fast cycle times of 5.0/5.4/6.0/7. 5/10 ns with cloc k access times (t cd ) of 3.0/3.1/3.5/4.0/5.0 ns enable 200, 183, 166, 133 and 100 mhz bus frequencies. three chip enable inputs permit easy memory ex pansion. burst operatio n is initiated in one of two ways: the co ntroller address strobe (adsc ), or the processor address strobe (adsp ). the burst advance pin (adv ) allows subsequent internally generated burst addresses. read cycles are initiated with adsp (regardless of we and adsc ) using the new external address clocked into the on-chip address register. when adsp is sampled low, the chip enables are sampled active, and the output buffer is enabled with oe . in a read operation the data accessed by the current address, registered in the address regist ers by the positive ed ge of clk, are carried to the data-out r egisters and driven on the output pins on the next positive edge of clk. adv is ignored on the clock edge that samples adsp asserted but is sampled on all subsequent clock edges. address is incremented internally for the next access of the burst when adv is sampled low and both address strobes are high. burst mode is selectable with the lbo input. with lbo unconnected or driven high, burst operations use a pentium ? count sequence. with lbo driven low the device uses a linear count sequence suitable for powerpc ? and many other applications. write cycles are performed by disabling the output buffers with oe and asserting a write command. a global write enable gwe writes all 16/ 18 bits regardless of the state of individual bw[a:b] inputs. alternately, when gwe is high, one or more bytes may be written by asserting bwe and the appropriate individual byte bwn signal(s). bwn is ignored on the clock edge that samples adsp low, but is sampled on all subsequent clock edges. output buffers are disabled when bwn is sampled low (regardless of oe ). data is clocked into the data input register when bwn is sampled low. address is incremented internally to the next burst address if bwn and adv are sampled low. read or write cycles may also be initiate d with adsc instead of adsp. the difference s between cycles initiated with adsc and ad sp follow.  adsp must be sampled high when adsc is sampled low to initiate a cycle with adsc.  we signals are sampled on the clock edge that samples adsc low (and adsp high).  master chip select ce0 blocks adsp, but not adsc. the as7c33128pfs16a and as7c33128pfs18a operate fr om a 3.3v supply. i/os use a separate power supply that can operate at 2.5v o r 3.3v. these devices are available in a 100-pin 1420 mm tqfp packaging. *powerpc ? is a tradenark international business machines corporation. key: x = don?t care, l = low, h = high, t=true, f=false * valid rea; n = a,b we , wen = internal write signal capacitance parameter symbol signals test conditions max unit input capacitance c in address and control pins v in = 0v 5 pf i/o capacitance c i/o i/o pins v in = v out = 0v 7 pf write enable truth table (per byte) gwe bwe bwn wen lxxt hllt hhxf* hlhf*
1/21/02; v.1.1 alliance semiconductor p. 3 of 12 as7c33128pfs16a as7c33128pfs18a ? note: stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional oper- ation of the device at these or any other conditions outside th ose indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions may affect reliability. signal descriptions signal i/o properties description clk i clock clock. all inputs except oe , ft , zz, lbo are synchronous to this clock. a0?a16 i sync address. sampled when all chip enables are active and adsc or adsp are asserted. dq[a,b] i/o sync data. driven as output when the chip is enabled and oe is active. ce0 i sync master chip enable. sample d on clock edges when adsp or adsc is active. when ce0 is inactive, adsp is blocked. refer to the synchronous truth table for more information. ce1, ce2 i sync synchronous chip enables. active high an d active low, respectively. sampled on clock edges when adsc is active or when ce0 and adsp are active. adsp i sync address strobe (processor). asserted low to load a new address or to enter standby mode. adsc i sync address strobe (controller). asserted low to load a new address or to enter standby mode. adv i sync burst advance. asserted low to continue burst read/write. gwe i sync global write enable. asserted low to write all 16/18 bits. when high, bwe and bw[a,b] control write enable. bwe i sync byte write enable. asserted low with gwe = high to enable effect of bw[a,b] inputs. bw[a,b] i sync write enables. used to control write of individual bytes when gwe = high and bwe = low. if any of bw[a,b] is active with gwe = high and bwe = low the cycle is a write cycle. if all bw[a,b] are inactive, the cycle is a read cycle. oe i async asynchronous output enable. i/o pins are driven when oe is active and the chip is in read mode. lbo i static default = high count mode. when driven high, count sequence follows intel xor convention. when driven low, count sequence follow s linear convention. this signal is internally pulled high. ft istatic flow-through mode.when low, enables single register flow-through mode. connect to v dd if unused or for pipelined operation. zz i async sleep. places device in low power mode ; data is retained. connect to gnd if unused. absolute maximum ratings parameter symbol min max unit power supply voltage relative to gnd v dd , v ddq ?0.5 +4.6 v input voltage relative to gnd (input pins) v in ?0.5 v dd + 0.5 v input voltage relative to gnd (i/o pins) v in ?0.5 v ddq + 0.5 v power dissipation p d ?1.8w dc output current i out ?50ma storage temperature (plastic) t stg ?65 +150 c temperature under bias t bias ?65 +135 c
as7c33128pfs16a as7c33128pfs18a ? 1/21/02; v.1.1 alliance semiconductor p. 4 of 12 key: x = don?t care, l = low, h = high. 1 see ?write enable truth table? on page 2 for more information. 2 q in flow through mode 3 for write operation following a read, oe must be high before the input data set up time and held high throughout the input hold time. synchronous truth table ce0 ce1 ce2 adsp adsc adv wen 1 o e address accessed clk operation dq h x x x l x x x na l to h deselect hi ? z l l x l x x x x na l to h deselect hi ? z l l x h l x x x na l to h deselect hi ? z l x h l x x x x na l to h deselect hi ? z l x h h l x x x na l to h deselect hi ? z lhl lxx x l externall to hbegin readhi ? z 2 lhl lxx x h externall to hbegin readhi ? z lhlhlx f l externall to hbegin readhi ? z 2 lhlhlx f h externall to hbegin readhi ? z xxxhhl f l next l to hcont. read q xxxhhl f h next l to hcont. readhi ? z xxxhhh f l currentl to hsuspend read q xxxhhh f h currentl to hsuspend readhi ? z hxxxhl f l next l to hcont. read q hxxxhl f h next l to hcont. readhi ? z hxxxhh f l currentl to hsuspend read q hxxxhh f h currentl to hsuspend readhi ? z l h l h l x t x external l to h begin write d 3 xxxhhl t x next l to hcont. write d hxxxhl t x next l to hcont. write d x x x h h h t x current l to h suspend write d h x x x h h t x current l to h suspend write d recommended operating conditions parameter symbol min nominal max unit supply voltage v dd 3.135 3.3 3.6 v v ss 0.0 0.0 0.0 3.3v i/o supply voltage v ddq 3.135 3.3 3.6 v v ssq 0.0 0.0 0.0 2.5v i/o supply voltage v ddq 2.35 2.5 2.9 v v ssq 0.0 0.0 0.0
1/21/02; v.1.1 alliance semiconductor p. 5 of 12 as7c33128pfs16a as7c33128pfs18a ? input voltages 1 address and control pins v ih 2.0 ? v dd + 0.3 v v il ?0.5 2 ?0.8 i/o pins v ih 2.0 ? v ddq + 0.3 v v il ?0.5 2 ?0.8 ambient operating temperature t a 0?70 c 1 input voltage ranges apply to 3.3v i/o operation. for 2. 5v i/o operation, contact factory for input specifications. 2 v il min = ?2.0v for pulse width less than 0.2 t rc . tqfp thermal resistance description conditions symbol ty p i c a l units thermal resistance (junction to ambient) 1 test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51 ja 46 c/w thermal resistance (junction to top of case) 1 jc 2.8 c/w 1 this parameter is sampled. dc electrical characteristics parameter symbol test conditions ?200 ?183 ?166 ?133 ?100 unit min max min max min max min max min max input leakage current 1 |i li | v dd = max, v in = gnd to v dd ?2?2?2?2?2a output leakage current |i lo | oe v ih , v dd = max, v out = gnd to v dd ?2?2?2?2?2a operating power supply current i cc ce0 = v il , ce1 = v ih , ce2 = v il , f = f max , i out = 0 ma ? 570 ? 540 ? 475 ? 425 ? 325 ma standby power supply current i sb deselected, f = f max , zz v il ? 160 ? 140 ? 130 ? 100 ? 90 ma i sb1 deselected, f = 0, zz 0.2v all v in 0.2v or v dd ? 0.2v ? 30 ? 30 ? 30 ? 30 ? 30 i sb2 deselected, f = f max , zz v dd ? 0.2v all v in v il or v ih ? 30 ? 30 ? 30 ? 30 ? 30 output voltage v ol i ol = 8 ma, v ddq = 3.465v ? 0.4 ? 0.4 ? 0.4 ? 0.4 ? 0.4 v v oh i oh = ?4 ma, v ddq = 3.135v 2.4 ? 2.4 ? 2.4 ? 2.4 ? 2.4 ? 1 lbo pin has an internal pull-up and input leakage = 10 a. note: icc give with no output loading. icc increase s with faster cycle times and greater output loading. recommended operating conditions parameter symbol min nominal max unit
as7c33128pfs16a as7c33128pfs18a ? 1/21/02; v.1.1 alliance semiconductor p. 6 of 12 dc electrical characteristi cs for 2.5v i/o operation parameter symbol test conditions ?200 ?183 ?166 ?133 ?100 unit min max min max min max min max min max output leakage current |i lo | oe v ih , v dd = max, v out = gnd to v dd ?11?11?11?11?11a output voltage v ol i ol = 2 ma, v ddq = 2.65v ? 0.7 ? 0.7 ? 0.7 ? 0.7 ? 0.7 v v oh i oh = ?2 ma, v ddq = 2.35v 1.7 ? 1.7 ? 1.7 ? 1.7 ? 1.7 ?
1/21/02; v.1.1 alliance semiconductor p. 7 of 12 as7c33128pfs16a as7c33128pfs18a ? *?notes? column refers to ?notes? on page 11. timing characteristics over operating range parameter symbol ?200 ?183 ?166 ?133 ?100 unit notes* min max min max min max min max min max clock frequency f max ? 200 ? 183 ? 166 ? 133 ? 100 mhz cycle time (pipelined mode) t cyc 5?5.4?6?7.5?10?ns cycle time (flow-through mode) t cycf 9 ? 10 ? 10 ? 12 ? 12 ? ns clock access time (pipelined mode) t cd ? 3.0 ? 3.1 ? 3.5 ? 4.0 ? 5.0 ns clock access time (flow-through mode) t cdf ?8.5?9?9?10?12ns output enable low to data valid t oe ? 3.0 ? 3.1 ? 3.5 ? 4.0 ? 5.0 ns clock high to output low z t lzc 0?0?0?0?0?ns2,3,4 data output invalid from clock high t oh 1.5 ? 1.5 ? 1.5 ? 1.5 ? 1.5 ? ns 2 output enable low to output low z t lzoe 0?0?0?0?0?ns2,3,4 output enable high to output high z t hzoe ? 3.0 ? 3.1 ? 3.5 ? 4.0 ? 4.5 ns 2,3,4 clock high to output high z t hzc ? 3.0 ? 3.1 ? 3.5 ? 4.0 ? 5.0 ns 2,3,4 output enable high to invalid output t ohoe 0?0?0?0?0?ns clock high pulse width t ch 2.2 ? 2.4 ? 2.4 ? 2.5 ? 3.5 ? ns 5 clock low pulse width t cl 2.2 ? 2.4 ? 2.4 ? 2.5 ? 3.5 ? ns 5 address setup to clock high t as 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6 data setup to clock high t ds 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6 write setup to clock high t ws 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6,7 chip select setup to clock high t css 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6,8 address hold from clock high t ah 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6 data hold from clock high t dh 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6 write hold from clock high t wh 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6,7 chip select hold from clock high t csh 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6,8 adv setup to clock high t advs 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6 adsp setup to clock high t adsps 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6 adsc setup to clock high t adscs 1.4 ? 1.4 ? 1.5 ? 1.5 ? 2.0 ? ns 6 adv hold from clock high t advh 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6 adsp hold fromclock high t adsph 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6 adsc hold from clock high t adsch 0.5 ? 0.5 ? 0.5 ? 0.5 ? 0.5 ? ns 6
as7c33128pfs16a as7c33128pfs18a ? 1/21/02; v.1.1 alliance semiconductor p. 8 of 12 timing waveform of read cycle note: y = xor when lbo = high/no connect; y = add when lbo = low. bw[a:b] is don?t care. key to switching waveforms t cyc t ch t cl t adsps t adsph t as t ah t ws t advs t oh clk adsp adsc address gwe , bwe ce0 , ce2 adv oe d out t css t csh t hzc t cd t wh t advh t hzoe   t adscs   t adsch load new address adv inserts wait states q(a2y10) q(a2y11) q(a3) q(a2) q(a2y01) q(a3y01) q(a3y10) q(a1) a2 a1 a3 ce1 (pipelined mode) d out q(a2y10) q(a2y11) q(a3) q(a2y01) q(a3y01) q(a3y10) q(a3y11) q(a1) (flow-through mode) t hzc t oe t lzoe undefined/don?t care falling input rising input
1/21/02; v.1.1 alliance semiconductor p. 9 of 12 as7c33128pfs16a as7c33128pfs18a ? timing waveform of write cycle note: y = xor when lbo = high/no connect; y = add when lbo = low.                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                     t cyc t cl t adsps t adsph t adscs t adsch t as t ah t ws t wh t css t advs t ds t dh clk adsp adsc address bwe ce0 , ce2 adv oe data in t csh t advh d(a2y01) d(a2y10) d(a3) d(a2) d(a2y01) d(a3y01) d(a3y10) d(a1) d(a2y11) adv suspends burst adsc loads new address a1 a2 a3 t ch ce1 bwa,b
as7c33128pfs16a as7c33128pfs18a ? 1/21/02; v.1.1 alliance semiconductor p. 10 of 12 timing waveform of read/write cycle note: y = xor when lbo = high/no connect; y = add when lbo = low.                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                                             t ch t cyc t cl t adsps t adsph t as t ah t ws t wh t advs t ds t dh t oh clk adsp address gwe ce0 , ce2 adv oe d in d out t lzc t advh t lzoe t oe t cd q(a1) q(a3y01) d(a2) q(a3) q(a3y10) q(a3y11) a1 a2 a3 ce1 t hzoe (pipeline mode) d out q(a1) q(a3y01) q(a3y10) (flow-through mode) t cdf q(a3y11)
1/21/02; v.1.1 alliance semiconductor p. 11 of 12 as7c33128pfs16a as7c33128pfs18a ? ac test conditions package dimensions 100-pin quad flat pack (tqfp) 351 ? 5 pf* 317 ? d out gnd figure c: output load(b) *including scope and jig capacitance z 0 = 50 ? d out 50 ? figure b: output load (a) 30 pf* figure a: input waveform 10% 90% gnd 90% 10% +3.0v  output load: see figure b, except for t lzc , t lzoe , t hzoe , t hzc , see figure c.  input pulse level: gnd to 3v. see figure a.  input rise and fall time (measured at 0.3v and 2.7v): 2 ns. see figure a.  input and output timing reference levels: 1.5v. v l = 1.5v for 3.3v i/o; = v ddq /2 for 2.5v i/o thevenin equivalent: +3.3v for 3.3v i/o; +2.5v for 2.5v i/o notes 1 for test conditions, see ac test conditions , figures a, b, c. 2 this parameter measured with outp ut load condition in figure c. 3 this parameter is sampled, but not 100% tested. 4t hzoe is less than t lzoe ; and t hzc is less than t lzc at any given temperature and voltage. 5 tch measured as high above vih and tcl measured as low below vil. 6 this is a synchronous device. all addresses must meet the specif ied setup and hold times for all rising edges of clk. all othe r synchronous inputs must meet the setup and hold times for all risi ng edges of clk when chip is enabled. 7 write refers to gwe , bwe , bw[a:d]. 8 chip select refers to ce0 , ce1 , ce2 dimensions in millimeters tqfp min max a1 0.05 0.15 a2 1.35 1.45 b 0.22 0.38 c 0.09 0.20 d 13.90 14.10 e 19.90 20.10 e 0.65 nominal hd 15.90 16.10 he 21.90 22.10 l 0.45 0.75 l1 1.00 nominal 0 7 a1 a2 l1 l c he e hd d b e
1/21/02; v.1.1 alliance semiconductor p. 12 of 12 as7c33128pfs16a as7c33128pfs18a ? ? copyright alliance semiconductor corporat ion. all rights reserved. our three-point logo, our name and intelliwatt are tradema rks or registered trademarks of alliance. all other brand and product names may be the trademarks of their respecti ve companies. alliance reserves the right to make changes to this document and its products at any time without notice. alliance assumes no responsibility for any errors that may appear in this document. the data contained herein represents alliance's best data and/o r estimates at the time of issuance. alliance reserves the right to change or correct this data at any time, without notice. if the prod uct described herein is under development, significant changes to these specifications are possible. the information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, o r provide, any guarantee or warrantee to any user or customer. alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disc laims any express or implied warranties related to the sale and/or use of alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringeme nt of any intellectual property righ ts, except as express agreed to in alliance's terms and conditions of sale (which are available from alliance). all sales of alliance products are made exclusivel y according to alliance's terms and conditions of sale. the purchase of products from alliance does not convey a license under any pate nt rights, copyrights, mask works rights, trademarks, or any oth er intellectual property rights of alliance or third parties. alliance does not authorize its products for use as critical components in li fe-supporting systems where a malfunction or failure may reasona bly be expected to result in sign ificant injury to the user, and the inclusion of alliance products in such life-supporting systems im plies that the manufacturer assumes all risk of such use and a grees to indemnify alliance against all claims arising from such use. ordering information 1.alliance semiconductor sram prefix 2.operating voltage: 33=3.3v 3.organization: 128=128k 4.pipeline-flowthrough (each device works in both modes) 5.deselect: s=single cycle deselect 6.organization: 16=x16; 18=x18 7.production version: a=first production version 8.clock speed (mhz) 9.package type: tq=tqfp 10.operating temperature: c=commercial ( 0 c to 70 c); i=industrial ( -40 c to 85 c) ?200 mhz ?183 mhz as7c33128pfs16a-200tqc as7c33128pfs16a-183tqc as7c33128pfs16a-200tqi as7c33128pfs16a-183tqi as7c33128pfs18a-200tqc as7c33128pfs18a-183tqc as7c33128pfs18a-200tqi AS7C33128PFS18A-183TQI ?166 mhz ?133 mhz ?100 mhz as7c33128pfs16a-166tqc as7c33128pfs 16a-133tqc as7c33128pfs16a-100tqc as7c33128pfs16a-166tqi as7c33128pfs16a-133tqi as7c33128pfs16a-100tqi as7c33128pfs18a-166tqc as7c33128pfs 18a-133tqc as7c33128pfs18a-100tqc as7c33128pfs18a-166tqi as7c33128pfs18a-133tqi as7c33128pfs18a-100tqi part numbering guide as7c 33 128 pf s 16/18 a ?xxx tq c/i 12345678910


▲Up To Search▲   

 
Price & Availability of AS7C33128PFS18A-183TQI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X